PART |
Description |
Maker |
PDTA124E PDTA124EEF PDTA124EM PDTA124ET PDTA124EEF |
PNP resistor-equipped transistors; R1 = 22 k惟, R2 = 22 k惟 PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = 22 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors NXP Semiconductors N.V.
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PEMD14 PUMD14 PEMD14-PUMD14-15 |
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open NPN-PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
|
NXP Semiconductors N.V.
|
PDTA144E PDTA144EE PDTA144EU PDTA144EU115 PDTA144E |
PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=47千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 47 k惟, R2 = 47 k惟
|
NXP Semiconductors N.V.
|
PDTA143ZEF PDTA143ZU PDTA143ZK |
PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=4.7千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 4.7 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PDTA114YEF PDTA114YT PDTA114YM |
PNP resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=10千欧姆,R2=47千欧 PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ PNP resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
PDTA113Z PDTA113ZT215 PDTA113ZK PDTA113ZS PDTA113Z |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW PNP resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT323 (SC-70); Container: Tape reel smd 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PEMD10 PEMD10_1 |
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm/ R2 = 47 kohm From old datasheet system NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm R2 = 47 kohm
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
PUMB19 PEMB19 |
PEMB19; PUMB19; PNP/PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = open
|
Philips
|
PEMB14 PUMB14 |
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
|
NXP Semiconductors
|
PDTA123JMB |
PNP resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
|
NXP Semiconductors
|
|